Part Number Hot Search : 
CM199 SR104 T311000 BDT65C SB110 89S52 PE9819 ADM213
Product Description
Full Text Search
 

To Download SDR1806-5R6ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdr1806 series - smd power inductors features available in e6 series low profile of only 6.6 mm inductance as low as 1 ? rohs compliant* applications input/output of dc/dc converters power supplies for: ?portable communications equipment ?camcorders ?lcd tvs ?car radios electrical specifications product dimensions electrical schematic 14.0 0.3 (.551 .012) 18.3 0.3 (.720 .012) 6.6 0.3 (.260 .012) 13.0 0.3 (.512 .012) 2.5 0.2 (.098 .008) 2.6 0.2 (.102 .008) 101 general specifications test voltage.....................................0.1 v reflow soldering.....250 ?; 10 sec max. (in compliance with jedec, j-std-020c, table 4-2) operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ............................250 ?, 10 sec. max. materials core.........................................ferrite dr wire .............................enameled copper base ......................................lcp e4008 terminal.....................................cu/ni/sn rated current ....................ind. drop 10 % typ. at isat temperature rise ..................40 ? max. at rated irms packaging.....................250 pcs. per reel = start of winding recommended layout 3.0 (.118) 2.9 (.114) 12.7 (.500) ref. ref. ref. dimensions: mm (inches) inductance 100 khz q test srf rdc i rms i sat bourns part no. (h) tol. % ref. frequency typ. (m ? ) max. typ. (mhz) (mhz) (a) (a) sdr1806-1r0ml 1 20 21 7.96 100.0 4.0 10.0 30.00 sdr1806-2r2ml 2.2 20 22 7.96 55.0 6.8 9.00 22.00 sdr1806-3r3ml 3.3 20 22 7.96 40.0 9.8 7.60 17.00 SDR1806-5R6ML 5.6 20 23 7.96 30.0 15.0 6.40 12.80 sdr1806-100ml 10.0 20 22 2.52 25.0 25.0 5.30 10.00 sdr1806-150ml 15.0 20 20 2.52 17.0 35.0 4.30 8.00 sdr1806-220ml 22.0 20 22 2.52 13.0 45.0 3.60 6.70 sdr1806-330ml 33.0 20 24 2.52 11.0 68.0 3.00 5.40 sdr1806-470ml 47.0 20 22 2.52 9.0 95.0 2.50 4.60 sdr1806-680ml 68.0 20 22 2.52 8.0 130.0 2.10 3.80 sdr1806-101kl 100.0 10 25 0.796 7.0 190.0 1.70 3.20 sdr1806-151kl 150.0 10 23 0.796 5.0 270.0 1.40 2.60 sdr1806-221kl 220.0 10 20 0.796 4.5 420.0 1.10 2.20 sdr1806-331kl 330.0 10 18 0.796 3.5 580.0 1.00 1.80 sdr1806-471kl 470.0 10 15 0.796 3.0 820.0 0.80 1.50 sdr1806-681kl 680.0 10 12 0.796 2.5 1200.0 0.70 1.20 sdr1806-102kl 1000.0 10 10 0.252 2.0 1800.0 0.50 1.00 *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. sdr1806 series - smd power inductor rev. 02/06 34 (1.339) 38.4 (1.512) 2.0 0.5 (.079 .020) 50.0 (1.969) 330 (12.99) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. 32.0 (1.260) packaging specifications user direction of feed 160 (6.299) no component no component components 390 (15.354) start 4.0 (.157) 20.0 (.787) 32.0 (1.260) end 101 101 101 101 qty: 250 pcs. per reel dimensions: mm (inches) soldering profile 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (seconds) temperature (c) <2> max. of 30 seconds > 220 ? <1> max. of 10 seconds at 250 ? 250 ? <2> <1> 120 - 150 seconds ramp-up 4 ?second maximum ramp-down 5 ?/second maximum


▲Up To Search▲   

 
Price & Availability of SDR1806-5R6ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X